microwave ceramics filter 2-pole filter for wlan 5 ghz/[5.15 ? 5.35] band series/type: s2h1/1/1 ordering code: B69842N5257A200 date: 2010-01-29 version: c ? epcos ag 2010. reproduction, publicati on and dissemination of this publicatio n, enclosures hereto and the information contained therein without epcos' pr ior express consent is prohibited content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white". this ensures that the table disappears (invisible) for the customer pdf. don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! identification/classification 1 (header 1 + top left bar): microwave ceramics filter identification/classification 2 (header 2 + bottom left header bar): 2-pole filter for wlan 5 ghz/[5.15 ? 5.35] band ordering code: (top right header bar) B69842N5257A200 series/type: (top right header bar) s2h1/1/1 preliminary data (optional): (if necessary) data sheet department: saw mlip cer pd date: 2010-01-29 version: c prepared by: pauritsch release signed by: reichel release signed qs: modifications/remarks:
microwave ceramics filter B69842N5257A200 2-pole filter for wlan 5 ghz/ [5.15 ? 5.35] band s2h1/1/1 data sheet saw mlip cer pd 2010-01-29 please read cautions and warnings and page 2 of 6 important notes at the end of this document . modification p3 16.05.03 p4 soldering requirements 19.03.04 gavela a final version 07.04.04 freising b recommended footprint 27.11.06 freising c upgraded to new form 29.01.10 reichel features ? smd filter consisting of coupled resonators with stepped impedances ? mgtio 3 - catio 3 ( r = 21/tc f = 0 10 ppm/k) with a coating of copper (10 m) and tin (>5 m) ? excellent reflow solderability, no migration effect due to copper/tin metallization
microwave ceramics filter B69842N5257A200 2-pole filter for wlan 5 ghz/ [5.15 ? 5.35] band s2h1/1/1 data sheet saw mlip cer pd 2010-01-29 please read cautions and warnings and page 3 of 6 important notes at the end of this document . component drawing recommended footprint view from below onto the solder terminals and view from beside marking: ?epcos logo?, on top of the filter i/o i/o g fr4 material permitivity : 4.4 preferred thickness : 0.3 vias: ?0.3mm / mm2 for other thickness correlation might be necessary connected to lines with an impedance of 50 ohm ground area below solder resist with vias to second ground layer standard condition solder pads
microwave ceramics filter B69842N5257A200 2-pole filter for wlan 5 ghz/ [5.15 ? 5.35] band s2h1/1/1 data sheet saw mlip cer pd 2010-01-29 please read cautions and warnings and page 4 of 6 important notes at the end of this document . characteristics min. typ. max. center frequency f c ? 5250 ? mhz insertion loss il 1.4 1.8 db passband b 200 mhz standing wave ratio swr 1.5 2.0 impedance z 50 power p 1.0 w attenuation at dc to 1990 mhz at 1990 to 2170 mhz at 2400 to 2500 mhz at 4500 mhz at 5000 mhz at 5500 mhz at 6.5 to 10 ghz 55 53 50 35 10 7 20 60 58 55 40 25 db db db db db db db maximum ratings iec climatic category (iec 68-1) ?40 c/+90 c/56 operating temperature t op ?40/+85 c typical passband characteristic -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 4,00 4,10 4,20 4,30 4,40 4,50 4,60 4,70 4,80 4,90 5,00 5,10 5,20 5,30 5,40 5,50 5,60 5,70 5,80 5,90 6,00 freq [ghz] att [db] s11 [db] s21 [db]
microwave ceramics filter B69842N5257A200 2-pole filter for wlan 5 ghz/ [5.15 ? 5.35] band s2h1/1/1 data sheet saw mlip cer pd 2010-01-29 please read cautions and warnings and page 5 of 6 important notes at the end of this document . processing information ? wettability acc. to iec 68-2-58: 75% (after aging) soldering requirements profile for eutectic snpb solder paste profile for leadfree solder paste soldering type reflow reflow maximum soldering temperature 235 (max. 2 sec.) 260 (max. 2 sec.) c (measuring point on top surface of the com ponent) 225 (max. 10 sec.) 250 (max. 10 sec.) c recommended soldering conditions (infrared): 50 100 150 200 250 20-40 sec. 40-80 sec. within 10 sec. time [sec.] temp. [c] 215c10c 50 100 150 200 250 30 sec. 2-3 min. within 10 sec. time [sec.] temp. [c] 245c5c 2.5 c/s > - 5 c/s delivery mode ? blister tape acc. to iec 286-3, ps, grey ? pieces/tape: 4000
important notes page 6 of 6 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons , it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must theref ore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradi ode, csmp, cssp, ctvs, deltacap, digisimic, dssp, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, s ilvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.
|